Part Number Hot Search : 
SMCJ15CA 62CN8 S1224MC 59BCP 90FD9 ZMM5243 S1224MC HL6557MG
Product Description
Full Text Search
 

To Download BAT54CDW-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: BAT54TW BAT54ADW BAT54CDW BAT54SDW BAT54BRW
Lead-free
BAT54TW /ADW /CDW /SDW /BRW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
SOT-363
A
NEW PRODUCT
Features
* * * * * * * * * * * * *
Low Forward Voltage Drop Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection Lead Free/RoHS Compliant (Note 3)
G H K M TOP VIEW BC
Dim A B C D F H J K L M a
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
Mechanical Data
Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Please See Ordering Information, Note 5, on Page 2 Orientation: See Diagrams Below Weight: 0.006 grams (approx.) Marking: See Diagrams Below & Page 2
A1
0.65 Nominal
J
D
F
L
All Dimensions in mm
C2
C2
C1
A2
A2
AC
1
C2
A2
AC
1
C1
C2
C1
C2
C3
C1
C1
A2
A1
A1
C2
A1
C1
AC
2
A1
A2
AC
2
A1
A2
A3
BAT54ADW* BAT54CDW* Marking: KL6 Marking: KL7 *Symmetrical configuration, no orientation indicator.
BAT54SDW* Marking: KL8
BAT54BRW Marking: KLB
BAT54TW Marking: KLA
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current (Note 1) Repetitive Peak Forward Current (Note 1) Forward Surge Current (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ t < 1.0s Symbol VRRM VRWM VR IF IFRM IFSM Pd RqJA Tj, TSTG Value 30 200 300 600 200 625 -65 to +125 Unit V mA mA mA mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2)
@ TA = 25C unless otherwise specified Symbol V(BR)R Min 30 3/4 3/4 3/4 3/4 Typ 3/4 3/4 3/4 3/4 3/4 Max 3/4 240 320 400 500 1000 2.0 10 5.0 Unit V Test Condition IR = 100mA IF = 0.1mA IF = 1mA IF = 10mA IF = 30mA IF = 100mA VR = 25V VR = 1.0V, f = 1.0MHz IF = 10mA through IR = 10mA to IR = 1.0mA, RL = 100W
Forward Voltage (Note 2)
VF IR CT trr
mV
Reverse Leakage Current (Note 2) Total Capacitance Reverse Recovery Time
mA pF ns
Notes: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. 3. No purposefully added lead.
DS30152 Rev. 11 - 2
1 of 3 www.diodes.com
BAT54TW /ADW /CDW /SDW /BRW
a Diodes Incorporated
IF, INSTANTANEOUS FORWARD CURRENT (A)
1
100
TA = 125C
NEW PRODUCT
10
0.1
TA = 75C
1
TA = 125C
0.01
TA = 75C TA = 25C TA = 0C
TA = 25C
0.1
TA = 0C
0.001
0.01
TA = -40C
0.0001 0 0.2 0.4 0.6 0.8 1.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
12
f = 1.0MHz
0.001 0 5 10 15 20 25 30 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics
PD, POWER DISSIPATION (mW)
0 5 10 15 20 25 30
10
200
CT, TOTAL CAPACITANCE (pF)
8
6
100
4
2
0
0 0 25 50 75 100 125 TA, AMBIENT TEMPERATURE ( C) Fig. 4 Power Derating Curve
VR, REVERSE VOLTAGE (V) Fig. 3 Typical Capacitance vs. Reverse Voltage
Ordering Information (Note 4 and 5)
Device BAT54ADW-7-F BAT54CDW-7-F BAT54SDW-7-F BAT54BRW-7-F BAT54TW-7-F Packaging Shipping
SOT-363
3000/Tape & Reel
Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KXX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
YM
KXX YM
2004 R 2005 S May 5 Jun 6
YM KXX
2006 T Jul 7
KXX
Date Code Key Year Code Month Code 2001 M Jan 1 2002 N Feb 2 2003 P March 3 Apr 4
KXX = Product Type Marking Code (See Page 1) For Symmetrical Configuration, No Orientation Indicator YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September 2007 U Aug 8 Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30152 Rev. 11 - 2
2 of 3 www.diodes.com
BAT54TW /ADW /CDW /SDW /BRW
NEW PRODUCT
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.
DS30152 Rev. 11 - 2
3 of 3 www.diodes.com
BAT54TW /ADW /CDW /SDW /BRW


▲Up To Search▲   

 
Price & Availability of BAT54CDW-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X